Part Number Hot Search : 
ENA1316 HN3C10FE 683ML IRF14 AD7828LN HMCS47CL 16R250B 4HCT40
Product Description
Full Text Search
 

To Download HTB-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description ?for 1/4" x 1-1/4" and 5mm x 20mm fuses ?all holder bodies have the option of using 1/4" x 1-1/4" or 5mm x 20mm carriers ?withstands 15 to 20 lbs-in torque to mounting n ut when mounting fuseholder to panel ?high temperature, flame retardant, thermoplastic meets ul 94 vo agency information ?ul recognized: izlt2, e14853 ?csa component acceptance: class 6225-01, file 47235 fuseholders htb panel mount series replacement parts mounting dimensions maximum panel thickness body type inch millimeters htb-2 0.30 7.62 htb-3 0.30 7.62 htb-4 0.125 3.18 htb-5 0.125 3.18 htb-6 0.30 7.62 htb-8 0.125 3.18 htb-9 0.125 3.18 specifications product current voltage fuse quick code rating rating size connect htb-x2i 15a 250v 1/4" x 1-1/4" 3/16" htb-x4i 15a 250v 1/4" x 1-1/4" 3/16" htb-x6i 20a 250v 1/4" x 1-1/4" 1/4" htb-x8i 20a 250v 1/4" x 1-1/4" 1/4" htb-x2m 15a 250v 5mm x 20mm 3/16" htb-x4m 15a 250v 5mm x 20mm 3/16" htb-x6m 16a 250v 5mm x 20mm 1/4" htb-x8m 16a 250v 5mm x 20mm 1/4" htb-8 htb-6 htb-2 htb-4 dimensional data t erminal options knob type carrier solder/ carrier options ??? quick-connect ?? quick-connect ?? x 1 ?? 5mm x 20mm in-line rt. angle in-line rt. angle (??equals inches) (??equals metric) common dimensional data: knob knob length (knob type) - 1.69 (42.9mm) plus in-line terminal (screwdriver slotted) 1.75 (44.5mm) note: plus in-line terminal htb-22i htb-24i htb-26i htb-28i ? htb-22m htb-24m htb-26m htb-28m ? htb-42i htb-44i htb-46i htb-48i ? htb-42m htb-44m htb-46m htb-48m ? htb-62i htb-64i htb-66i htb-68i ? htb-62m htb-64m htb-66m htb-68m ? htb-82i htb-84i htb-86i htb-88i ? htb-82m htb-84m htb-86m htb-88m ? 1.125" (28.6mm) 0.47" (11 .9mm) 0.09" nom. (2.4mm) 1.125" (28.6mm) 0.47" (11 .9mm) 0.92" (23.4mm) 0.67" (17.1mm) 0.91" (23.0mm) 0.69" (17.5mm) 0.34" (8.7mm) 0.33" (8.3mm) 0.47" (11.9mm) 0.45" (11.5mm) fuseholders and fuse carriers may be ordered separately. 0.30 7.62mm 0.125 3.18mm 0.30 7.62mm 0.125 3.18mm maximum panel thickness low profile rear hex nut high profile rear hex nut front hex nut low profile snap-in
fuseholders htb panel mount series visit us on the web at www.cooperet.com 3601 quantum boulevard boynton beach, florida 33426-8638 t el: +1-561-752-5000 toll free: +1-888-414-2645 fax: +1-561-742-1178 this bulletin is intended to present product design solutions and technical information that will help the end user with design applications. cooper electronic technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. cooper electronic technologies also reserves the right to change or update, without notice, any technical informa tion contained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. oc-2580 5/02 ? cooper electronic t echnologies 2002 pa ckaging code pa ck a ging code description blank 10 pieces of fuseholders packed into a carton bk 100 pieces of fuseholders packed into a cardboard shelf package s packing (blank) ?std. bk/ ?bulk rear terminal configuration 2 ? solder / ??? quick-connect solder / ??? quick-connect (in-line) 4 ? (right angle) 6 ? ?? quick-connect (in-line) 8 ? ?? quick-connect (right angle) fuse carrier i ? ?? x 1-1 ?? m ? 5mm x 20mm splash proof (optional on -2, -4, -6, and -8) body configuration and mounting finger grip holders 2 ? low profile (rear panel hex-nut) 4 ? high profile * 6 ? (front panel hex-nut) 8 ? low profile (snap-in) screwdriver slotted holders 3 ? low profile 5 ? high profile 9 ? low profile (snap-in) product symbol htb- packaging (blank) ?std. bk/ ?bulk fuse carrier i ? ?? x 1 ?? m ? 5mm x 20mm product symbol ft ? knob type (for 20, 40, 60, and 80 series only) st screwdriver slotted (for 30, 50, and 90 series only) p *profile varies with panel thickness. holder installs thru rear of panel. fuse carrier only ordering information htb-3 htb-5 htb-9 0.17" (4.37mm) 1.58" (40.03mm) 0.17" (4.37mm) 1.59" (40.08mm) 0.41" (10.31mm) 1.34" (34.13mm) 0.34" (8.7mm) 0.33" (8.3mm) 0.47" (11.9mm) 0.45" (11.5mm) dimensional data t erminal options knob type carrier solder/ carrier options ??? quick-connect ?? quick-connect ?? 1 ?? 5mm 20mm in-line rt. angle in-line rt. angle (??equals inches) (??equals metric) common dimensional data: screwdriver screwdriver length (knob type) - 1.69 (42.9mm) plus in-line terminal (screwdriver slotted) 1.75 (44.5mm) note: plus in-line terminal htb-32i htb-34i htb-36i htb-38i ? htb-32m htb-34m htb-36m htb-38m ? htb-52i htb-54i htb-56i htb-58i ? htb-52m htb-54m htb-56m htb-58m ? htb-92i htb-94i htb-96i htb-98i ? htb-92m htb-94m htb-96m htb-98m ? fuseholders and fuse carriers may be ordered separately. 0.30 7.62mm 0.125 3.18mm 0.125 3.18mm maximum panel thickness low profile rear hex nut high profile rear hex nut low-profile snap-in


▲Up To Search▲   

 
Price & Availability of HTB-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X